PART |
Description |
Maker |
DS-PROTEXT-9 |
PROTEXT - GSM REMOTE CONTROL
|
rfsolutions.ltd
|
GP1UC10 GP1UC10-SERIES GP1UC101 GP1UC107 GP1UC102 |
3V-operating IR detecting unit for remote control 3V-Operating Type IR Detecting Unit for Remote Control
|
SHARP[Sharp Electrionic Components]
|
GP1U587Y GP1U58Y GP1U580Y GP1U581Y GP1U582Y GP1U58 |
Remote Control IR Detecting Unit For IR Detecting Unit For Remote Control
|
SHARP[Sharp Electrionic Components]
|
GP1U90X GP1U90X-SERIES |
IR Detecting Unit for Remote Control
|
SHARP[Sharp Electrionic Components]
|
GP1S525VJ00F GP1UM287QK GP1UM280QK GP1UM280RK GP1U |
Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
|
Sharp Electrionic Components Sharp Electrionic Component... Sharp Electrionic Compo...
|
UPD6124A UPD6124ACS UPD6124AGS UPD6600A UPD6600ACS |
IC for programmable infrared remote control transmitter 4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
|
NEC[NEC]
|
MC3373D |
Remote Control Amplifier/Detector INFRARED, REMOTE CONTROL SUPPORT CIRCUIT, PDSO8
|
Motorola Mobility Holdings, Inc.
|
NJL71H NJL73H NJL71V NJL72H NJL74H000 |
Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.6mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.9mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.7mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.8mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.10mA 红外遥控接收器(红外遥控接收器(电源电压.4V.5V,无信号输入电源电流最大值为0.10毫安))
|
New Japan Radio Co., Ltd.
|
HSDL-3003-021 HSDL-3003-001 |
115.2kbit/s IrDA transceiver with Remote Control features SPECIALTY INTERFACE CIRCUIT, SMA8 IrDA? Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
|
Lite-On Technology, Corp. AVAGO TECHNOLOGIES LIMITED
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
MAX4473 MAX4473ESA MAX4473EUA |
Low-Cost / Low-Voltage / PA Power Control Amplifier for GSM Applications in 8-Pin MAX Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin レMAX Low-Cost Low-Voltage PA Power Control Amplifier for GSM Applications in 8-Pin MAX Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin MAX Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin μMAX
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
HT600 HT6207 3_18E HT680 HT620720SOP HT620720DIP H |
Remote-Control Transmitter/Encoder From old datasheet system 318 Series of Encoders 3^18 Series of Eecoders For Remote Control System Applications(3^18系列编码器(地址线:9条;地址数据线:5条),用于远程控制系 3 ^ 18系列Eecoders对于远程控制系统的应用(3 ^ 18系列编码器(地址线:9地址数据线:5条),用于远程控制系统) 3^18 Series of Eecoders For Remote Control System Applications(3^18系列编码器(地址线:8条;地址数据线:4条),用于远程控制系 3 ^ 18系列Eecoders对于远程控制系统的应用(3 ^ 18系列编码器(地址线:8地址数据线:4条),用于远程控制系统)
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc. Holtek Semiconductor, Inc. http://
|